Part Number Hot Search : 
MM1573E BU4809G 167BZC SP800L NJG1533 AT818S40 PC250 68000
Product Description
Full Text Search
 

To Download AOC-CTG-I2T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AOC-CTG-I2T the most advanced ethernet adapter for high-density server systems the supermicro AOC-CTG-I2T is one of the lowest power and most cost effective 10gbase-t adapter solutions in todays data center marketplace. the auto-negotiation feature between 1gbe and 10gbe provided by the AOC-CTG-I2T offers users the backwards compatibility they need for a smooth transition to 10gbe. it reliably addresses the demanding needs of bandwidth- intensive applications at a fraction of the cost of traditional 10gbe adapters by utilizing cost-effective rj-45 connectors at a much longer cabling distance. the supermicro AOC-CTG-I2T 10gbe adapter is truly a best-in-class solution for advanced data centers. key features ? dual rj45 connectors ? 2u microlp form factor ? pci express 2.1 (2.5gt/s or 5gt/s) ? intel? quickdata technology ? vmdq, next-generation vmdq, and pc-sig sr-iov for virtualized environments ? jumbo frames support up to 15.5kb ? load balancing on multiple cpus ? iscsi remote boot support ? fibre channel over ethernet (fcoe) ? support the most popular network operating systems (noss) ? support rj-45 category-6 or 6a ? rohs compliant 6/6 specifcations ? general: - intel? x540 10gbe controller with integrated 10gbase-t copper phys - compact size 2u microlp form factor - pci-e x8 2.1 (2.5gt/s or 5gt/s) interface - dual rj-45 connectors with speed up to 10gb/port - load balancing on multiple cpus - intel? proset utility for windows? device manager - maximum power consumption: about 13w ? i/o features: - intel? quickdata technology: dma engine that enhances data acceleration and lowers cpu usage - support jumbo frames of up to 15.5kb - 802.1q vlan support - two integrated independent 10gbase-t interfaces operate at 10gbase-t (10gb/s) and 1000base-t (1gb/s) modes - direct cache access (dca) to avoid cache misses - msi-x support to minimize interrupt overhead of and allow load-balancing between multiple cores/cpus - receive and transmit side scaling for windows environment and scalable i/o for linux environments ? performance features: - tcp/udp segmentation ofoad - ipv6 support for ip/tcp and ip/udp receive checksum ofoad - supports fibre channel over ethernet (fcoe) - low latency interrupts - dca support ? virtualization features: - support for virtual machine device queues (vmdq and next-generation vmdq) - l2 ethernet mac address and vlan flters - pc-sig sr-iov implementation - advanced packet filtering - vlan support to allow creation of multiple vlan segments ? manageability features: - preboot execuation environment (pxe) support - simple network management protocol (snmp) and remote network monitoring (rmon) statistics counters - iscsi remote boot ? os support: - windows? server 2012 (x64 edition) - windows? 8 (x64 edition and 32-bit) - windows? server 2008 r2 (x64 edition and 64-bit) - windows? server 2008 (x64 edition, 64-bit, and 32-bit) - windows? 7 (x64 edition and 32-bit) - windows? vista (x64 edition and 32-bit) - windows? server 2003 (x64 edition, 64-bit, and 32-bit) - vmware - redhat el, suse sles - freebsd ? cables support: - rj-45 category-6 up to 55m; category-6a up to 100m ? operating conditions: - operating temperature: 0c to 55c ? physical dimensions: - card pcb dimensions: 12.3cm (4.8in) x 7.0cm (2.75in) (lxw) ? optional accessories: C cbl-ntwk-0603: rj45 cat6a 550mhz rated blue 3 ft patch cable C cbl-ntwk-0604: rj45 cat6a 550mhz rated blue 5 ft patch cable C cbl-ntwk-0605: rj45 cat6a 550mhz rated blue 6 ft patch cable C cbl-ntwk-0606: rj45 cat6a 550mhz rated blue 9 ft patch cable C cbl-ntwk-0607: rj45 cat6a 550mhz rated blue 10 ft patch cable C cbl-ntwk-0608: rj45 cat6a 550mhz rated blue 12 ft patch cable C cbl-ntwk-0609: rj45 cat6a 550mhz rated blue 15 ft patch cable C cbl-ntwk-0610: rj45 cat6a 550mhz rated blue 18 ft patch cable C cbl-ntwk-0611: rj45 cat6a 550mhz rated blue 21 ft patch cable C cbl-ntwk-0612: rj45 cat6a 550mhz rated blue 24 ft patch cable compliance/environmental ? rohs compliant 6/6, pb free rohs compliant supported platforms ? 2u twin+: 6027tr-d70rf+, 6027tr-d71rf+, 6027tr-dtrf+, 2027tr- d70rf+ ? fattwin: f627r3-d72b+, f627r3-dtb+ for the most current product information, visit: www.supermicro.com


▲Up To Search▲   

 
Price & Availability of AOC-CTG-I2T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X